Part Number Hot Search : 
S1D13 KBPC2501 CSC1220A MAX6795 1N4746A 74AC10SC P0618 565RT
Product Description
Full Text Search
 

To Download ICS650R-14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY INFORMATION
ICS650-14B Networking System Clock
Description
The ICS650-14B is a low cost, low jitter, high performance clock synthesizer customized for networking systems applications. Using analog Phase-Locked Loop (PLL) techniques, the device accepts a 25.0 MHz clock or fundamental mode crystal input to produce multiple output clocks of one fixed 25.0 MHz, a four (plus one) frequency selectable bank, and two frequency selectable clocks. All output clocks are frequency locked together. The ICS650R-14B outputs all have 0 ppm synthesis error.
Features
* Packaged in 20 pin (150 mil) SSOP (QSOP) * 25.00 MHz fundamental crystal or clock input * One fixed output clock of one 25.0 MHz * One bank of four frequency selectable output clocks * Three frequency selectable clock outputs * Zero ppm synthesis error in all clocks * Ideal for networking systems * Full CMOS output swing * Advanced, low power, sub-micron CMOS process * 3.0V to 5.5V operating voltage * Industrial temperature range available
Block Diagram
VDD
GND
2 SELA 0:1 SELB 0:1 SELC 2 2
2
Output Buffer
4
CLKA 1:4 CLKA5 CLKB CLKC
Clock Synthesis and Control Circuitry
Output Buffer Output Buffer Output Buffer
25.00 MHz crystal or clock
X1/ICLK Clock Buffer/ Crystal Oscillator
Output Buffer
25.00 MHz
X2
OE (All outputs)
Optional crystal capacitors are shown and may be required for tuning of initial accuracy (determined once per board).
1 Revision 082800 Printed 11/15/00 Integrated Circuit Systems, Inc. * 525 Race Street * San Jose * CA * 95126*(408)295-9800tel* www.icst.com
MDS 650-14B A
PRELIMINARY INFORMATION
ICS650-14B Networking System Clock
CLKA1:4 33.33 50 66.67 100 33.33 50 33.33 25 66.67 CLKA5 66.66 75 133.33 33.33 83.33 125 100 75 100
Pin Assignment
SELB0 X2 X1/ICLK VDD SELB1 GND CLKB CLKC CLKA5 25M 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 SELC SELA0 CLKA2 CLKA3 VDD SELA1 GND CLKA4 CLKA1 OE
Table 1
SELA1 0 0 0 M M M 1 1 1 SELA0 0 M 1 0 M 1 0 M 1
Table 2
SELB1 0 0 0 1 1 1 SELB0 0 M 1 0 M 1 CLKB 30 27 48 83.33 19.44 80
Table 3
SELC 0 M 1 CLKC CLKB/4 62.5 125
20 pin (150 mil) SSOP
0 = connect directly to ground 1 = connect directly to VDD M = leave unconnected (floating)
Pin Descriptions
Number 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 Name SELB0 X2 X1/ICLK VDD SELB1 GND CLKB CLKC CLKA5 25M OE CLKA1 CLKA4 GND SELA1 VDD CLKA3 CLKA2 SELA0 SELC Type TI XO XI P I(Pu) P O O O O I(Pu) O O P TI P O O TI TI
Description Select pin for CLKB. See Table 2. Crystal connection. Connect to 25 MHz crystal or leave unconnected for a clock input. Crystal connection. Connect to 25 MHz fundamental crystal or clock input. Connect to +3.3 V or +5 V. Must be same as other VDDs. Select pin for CLK B. See table 2. Connect to ground. Selectable clock output. See Table 2. Selectable clock output. See Table 3. Selectable clock output. See Table 1. 25.0 MHz clock output. Output Enable. Tri-states all output clocks when low. Internal pull-up. Selectable clock output. See Table 1. Selectable clock output. See Table 1. Connect to ground. Select pin for CLKA1:4 and CLKA5 outputs. See Table 1. Connect to +3.3V or +5.0V. Must be same as other VDDs. Selectable clock output. See Table 1. Selectable clock output. See Table 1. Select pin for CLKA1:4 and CLKA5 outputs. See Table 1. Select pin for CLKC output. See Table 3.
Key: XI, XO = crystal connections; I = Input; I(Pu) = Input with pull up O = Output; P = power supply connection; TI = tri level input
2 Revision 082800 Printed 11/15/00 Integrated Circuit Systems, Inc. * 525 Race Street * San Jose * CA * 95126*(408)295-9800tel* www.icst.com
MDS 650-14B A
PRELIMINARY INFORMATION
ICS650-14B Networking System Clock
Typical Maximum 7 VDD+0.5 70 85 260 150 5.5 VDD/2 - 1 Units V V C C C C V V V V V V V V V V mA mA MHz ns ns % ppm ps
Electrical Specifications
Parameter Supply voltage, VDD Inputs and Clock Outputs Ambient Operating Temperature Ambient Operating Temperature Soldering Temperature Storage temperature Operating Voltage, VDD Input High Voltage, VIH, X1 pin only Input Low Voltage, VIL, X1 pin only Input High Voltage, VIH, SEL pins only Input Low Voltage, VIL, SEL pins only Input High Voltage, VIH, OE pin only Input Low Voltage, VIL, OE pin only Output High Voltage, VOH Output Low Voltage, VOL Output High Voltage, VOH, CMOS level Operating Supply Current, IDD Short Circuit Current Input Frequency Output Clock Rise Time Output Clock Fall Time Output Clock Duty Cycle Frequency error Absolute Jitter, short term Notes: Conditions Referenced to GND Referenced to GND Industrial "I" version Max of 20 seconds Minimum
ABSOLUTE MAXIMUM RATINGS (note 1) n
-0.5 0 -40 -65 3 VDD/2 + 1 VDD - 0.5 0.5 2.0 0.8 IOH=-12mA IOL=12mA IOH=-8mA No Load Each output 2.4 0.4 VDD-0.4 TBD 50 25.000 0.8 to 2.0V 2.0 to 0.8V At VDD/2 All clocks Variation from mean 1.5 1.5 55 0
DC CHARACTERISTICS (VDD = 3.3V unless noted) V
Clock Input Clock Input
AC CHARACTERISTICS (VDD = 3.3V unless noted) V
45
50 TBD
1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the device. Prolonged exposure to levels above the operating limits but below the Absolute Maximums may affect device reliability. 2. CMOS level input, nominal trip point is VDD/2 for 3.3 V or 5 V operation.
External Components
The ICS650R-14B requires a minimum number of external components for proper operation. Decoupling capacitors of 0.01F should be connected between each VDD and GND on Pins 4 and 6, and Pins 16 and 14, as close to the ICS650R-14B as possible. A series termination resistor of 33 may be used for each clock output. The 25.00 MHz crystal must be connected as close to the chip as possible. The crystal should be a fundamental mode (do not use third overtone), parallel resonant. Crystal capacitors should be connected from pins X1 to ground and X2 to ground to optimize the initial accuracy. The value of these capacitors is given by the following equation, where CL is the crystal load capacitance: Crystal caps (pF) = (CL-6) x 2. So for a crystal with 16 pF load capacitance, two 20 pF caps should be used. 3 Revision 082800 Printed 11/15/00 Integrated Circuit Systems, Inc. * 525 Race Street * San Jose * CA * 95126*(408)295-9800tel* www.icst.com
MDS 650-14B A
PRELIMINARY INFORMATION
ICS650-14B Networking System Clock
Package Outline and Package Dimensions (For current dimensional specifications, see JEDEC Publication No. 95.)
20 pin SSOP
Symbol A A1 b c D e E E1 L Inches e Min Max 0.053 0.069 0.004 0.010 0.008 0.012 0.007 0.010 0.337 0.344 .025 BSC S 0.228 0.244 0.150 0.157 0.016 0.050 Millimeters m Min Max 1.35 1.75 0.10 0.25 0.20 0.30 0.18 0.25 8.55 8.75 0.635 BSC 5.80 6.20 3.80 4.00 0.40 1.27
E1
E
INDEX AREA
1
2
D A1 e b c
A L
Ordering Information for ICS650-14B
Part/Order Number ICS650R-14 ICS650R-14T ICS650R-14I ICS650R-14I Marking ICS650R-14 ICS650R-14 ICS650R-14I ICS650R-14I Shipping packaging tubes tape and reel tubes tape and reel Package 20 pin SSOP 20 pin SSOP 20 pin SSOP 20 pin SSOP Temperature 0 to +70 C 0 to +70 C -40 to +85 C -40 to +85 C
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Inc (ICS) assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments.
4 Revision 082800 Printed 11/15/00 Integrated Circuit Systems, Inc. * 525 Race Street * San Jose * CA * 95126*(408)295-9800tel* www.icst.com
MDS 650-14B A


▲Up To Search▲   

 
Price & Availability of ICS650R-14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X